PART |
Description |
Maker |
ISL6622 ISL6622CRZ-T ISL6622CBZ |
VR11.1 Compatible Synchronous Rectified Buck MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 10-DFN T&R
|
Intersil Corporation
|
HIP600605 HIP6006CB-T HIP6006CBZ HIP6006CBZ-T HIP6 |
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 14-TSSOP T&R
|
INTERSIL[Intersil Corporation]
|
ICL320705 ICL3217IBZ ICL3207 ICL3207CA ICL3207CAZ |
Low Power, 3V To 5.5V, 250kbps, RS-232 Transmitters/Receivers; Temperature Range: 0°C to 70°C; Package: 24-SSOP T&R TRIPLE LINE TRANSCEIVER, PDSO24
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|
EL7900ILCZ-EVALZ EL7900ILCZ-T13 |
Ambient Light Photo Detect IC; Temperature Range: -40°C to 85°C; Package: 5-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO5
|
Intersil, Corp. Intersil Corporation
|
EL5251IYZ-T7 |
200MHz Amplifiers; Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
Intersil, Corp.
|
HIP1012ACBZA-T |
Dual Power Distribution Controller; Temperature Range: 0°C to 70°C; Package: 14-SOIC T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO14
|
Intersil, Corp.
|
NCP1423DMR2G |
400 mA Sync−Rect PFM Step−Up DC−DC Converter with True−Cutoff and Ring−Killer 1.2 A SWITCHING REGULATOR, 600 kHz SWITCHING FREQ-MAX, PDSO10
|
ON Semiconductor
|
EDI7F2331MV100BNC EDI7F2331MV150BNC |
Dual 3MHz, BiMOS Microprocessor Operational Amplifiers with MOSFET Input/CMOS Output; Temperature Range: -55°C to 125°C; Package: 8-SOIC T&R EEPROM
|
Bourns, Inc.
|
350874-3 1-794762-5 2-480705-0 1-1123688-7 5223957 |
.250" Centerline, 600 V, 19 - 36 A max. (Universal MATE-N-LOK); UMNL SOK 18-14 .0125 PTPPHBZ ( AMP ) .250" Centerline, 600 V, 19 – 36 A max Quick Reference Guide 2-Piece Power Connectors MULTI–BEAM XL™ – Power Distribution (W–to–B) Connector System VITA 46 Connectors Sealed Universal MATE–N–LOK Connectors VITA 62 Connectors
|
Tyco Electronics
|
ISL29020IROZ-T7 |
A Low Power, High Sensitivity, Light-to Digital Sensor With I2C Interface; Temperature Range: -40°C to 85°C; Package: 6-ODFN T&R SPECIALTY ANALOG CIRCUIT, PDSO6
|
Intersil, Corp.
|
ISL6615AFRZ ISL6615ACRZ-T ISL6615ACBZ ISL6615AIBZ |
High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features; Temperature Range: 0°C to 70°C; Package: 10-DFN T&R 6 A AND GATE BASED MOSFET DRIVER, PDSO10
|
Intersil Corporation Intersil, Corp.
|
EDL1300TX050TTL |
Programmable VCOM; Temperature Range: -40°C to 85°C; Package: 24-QFN T&R 光纤变送器
|
TT electronics Semelab, Ltd.
|